PART |
Description |
Maker |
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVT16373 74LVT16373MEA 74LVT16373MTD 74LVTH16373 |
Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVTH16373MTDX 74LVT16373 74LVT16373GX 74LVT16373 |
Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH16373 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system
|
Fairchild
|
74VCX1684104 74VCX16841MTD 74VCX16841 74VCX16841MT |
Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX16373MEA 74LCX16373MTD |
Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74VCXH162373_05 74VCXH162373 74VCXH162373MTD 74VCX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH16373-D 74VCXH16373/D |
16 BIT MCU/DSP 80LD 30 MIPS 132KB FLASH PB FREE, -40C to 85C, 80-TQFP, T/R Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74LVTH162373 |
Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ABT16373B 74ABT16373BDGG 74ABT16373BDL BT16373BD |
16-bit transparent latch 3-State ABT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-bit transparent latch 3-State 16位透明锁存器三
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|